| Moteur de recherche de fiches techniques de composants électroniques |
|
ML2240 Fiches technique(PDF) 14 Page - OKI electronic componets |
|
|
|||||||||||||||||||||||||||||
ML2240 Fiches technique(HTML) 14 Page - OKI electronic componets |
|
14 / 24 page ![]() FEDL2240DIGEST-02 OKI Semiconductor ML2240 Family 14/24 To read the channel status, input “L” level to CS and RD pins. D0 pin will output the channel status in synchronization with SCK clock. The selection of rising/falling edge of SCK clock, similar to when inputting the commands and data, is determined by the level at SCK pin at the falling edge of CS pin. The status signals in the parallel interface are output to D7 to D0 pins sequentially from D7. Status Read Timing • SCK Rising Edge Operation • SCK Falling Edge Operation DO (O) CS (I) RD (I) D7 SCK (I) D6 D5 D4 D3 D2 D1 D0 Hi-Z Hi-Z DO (O) CS (I) RD (I) D7 SCK (I) D6 D5 D4 D3 D2 D1 D0 Hi-Z Hi-Z |