Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC8347ECVRALDB Fiches technique(PDF) 64 Page - NXP Semiconductors

No de pièce MPC8347ECVRALDB
Description  MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8347ECVRALDB Fiches technique(HTML) 64 Page - NXP Semiconductors

Back Button MPC8347ECVRALDB Datasheet HTML 60Page - NXP Semiconductors MPC8347ECVRALDB Datasheet HTML 61Page - NXP Semiconductors MPC8347ECVRALDB Datasheet HTML 62Page - NXP Semiconductors MPC8347ECVRALDB Datasheet HTML 63Page - NXP Semiconductors MPC8347ECVRALDB Datasheet HTML 64Page - NXP Semiconductors MPC8347ECVRALDB Datasheet HTML 65Page - NXP Semiconductors MPC8347ECVRALDB Datasheet HTML 66Page - NXP Semiconductors MPC8347ECVRALDB Datasheet HTML 67Page - NXP Semiconductors MPC8347ECVRALDB Datasheet HTML 68Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 99 page
background image
MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications, Rev. 12
64
Freescale Semiconductor
Package and Pin Listings
TSEC2_TXD[3:0]/GPIO1[17:20]
B5, A5, F8, B6
I/O
LVDD2
—
TSEC2_TX_ER/GPIO1[24]
F14
I/O
OVDD
—
TSEC2_TX_EN/GPIO1[12]
C5
I/O
LVDD2
3
TSEC2_TX_CLK/GPIO1[30]
E14
I/O
OVDD
—
DUART
UART_SOUT[1:2]/MSRCID[0:1]/LSRCID[0:1]
AK27, AN29
O
OVDD
—
UART_SIN[1:2]/MSRCID[2:3]/LSRCID[2:3]
AL28, AM29
I/O
OVDD
—
UART_CTS[1]/MSRCID4/LSRCID4
AP30
I/O
OVDD
—
UART_CTS[2]/MDVAL/ LDVAL
AN30
I/O
OVDD
—
UART_RTS[1:2]
AP31, AM30
O
OVDD
—
I2C interface
IIC1_SDA
AK29
I/O
OVDD
2
IIC1_SCL
AP32
I/O
OVDD
2
IIC2_SDA
AN31
I/O
OVDD
2
IIC2_SCL
AM31
I/O
OVDD
2
SPI
SPIMOSI/LCS[6]
AN32
I/O
OVDD
—
SPIMISO/LCS[7]
AP33
I/O
OVDD
—
SPICLK
AK30
I/O
OVDD
—
SPISEL
AL31
I
OVDD
—
Clocks
PCI_CLK_OUT[0:2]
AN9, AP9, AM10
O
OVDD
—
PCI_CLK_OUT[3]/LCS[6]
AN10
O
OVDD
—
PCI_CLK_OUT[4]/LCS[7]
AJ11
O
OVDD
—
PCI_SYNC_IN/PCI_CLOCK
AK12
I
OVDD
—
PCI_SYNC_OUT
AP11
O
OVDD
3
RTC/PIT_CLOCK
AM32
I
OVDD
—
CLKIN
AM9
I
OVDD
—
JTAG
TCK
E20
I
OVDD
—
TDI
F20
I
OVDD
4
TDO
B20
O
OVDD
3
TMS
A20
I
OVDD
4
TRST
B19
I
OVDD
4
Table 55. MPC8347EA (TBGA) Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power
Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99