Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC8544EBVTARFA Fiches technique(PDF) 63 Page - NXP Semiconductors

No de pièce MPC8544EBVTARFA
Description  MPC8544E PowerQUICC III Integrated Processor Hardware Specifications
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8544EBVTARFA Fiches technique(HTML) 63 Page - NXP Semiconductors

Back Button MPC8544EBVTARFA Datasheet HTML 59Page - NXP Semiconductors MPC8544EBVTARFA Datasheet HTML 60Page - NXP Semiconductors MPC8544EBVTARFA Datasheet HTML 61Page - NXP Semiconductors MPC8544EBVTARFA Datasheet HTML 62Page - NXP Semiconductors MPC8544EBVTARFA Datasheet HTML 63Page - NXP Semiconductors MPC8544EBVTARFA Datasheet HTML 64Page - NXP Semiconductors MPC8544EBVTARFA Datasheet HTML 65Page - NXP Semiconductors MPC8544EBVTARFA Datasheet HTML 66Page - NXP Semiconductors MPC8544EBVTARFA Datasheet HTML 67Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 117 page
background image
MPC8544E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 8
Freescale Semiconductor
63
High-Speed Serial Interfaces (HSSI)
Figure 42 shows the PCI input AC timing conditions.
Figure 42. PCI Input AC Timing Measurement Conditions
Figure 43 shows the PCI output AC timing conditions.
Figure 43. PCI Output AC Timing Measurement Condition
16 High-Speed Serial Interfaces (HSSI)
The MPC8544E features two serializer/deserializer (SerDes) interfaces to be used for high-speed serial
interconnect applications.The SerDes1 dedicated for PCI Express data transfers. The SerDes2 can be used
for PCI Express and/or SGMII application. This section describes the common portion of SerDes DC
electrical specifications, which is the DC requirement for SerDes Reference Clocks. The SerDes data
lane’s transmitter and receiver reference circuits are also shown.
16.1
Signal Terms Definition
The SerDes utilizes differential signaling to transfer data across the serial link. This section defines terms
used in the description and specification of differential signals.
Figure 44 shows how the signals are defined. For illustration purpose, only one SerDes lane is used for
description. The figure shows waveform for either a transmitter output (SDn_TX and SDn_TX) or a
receiver input (SDn_RX and SDn_RX). Each signal swings between A Volts and B Volts where A > B.
tPCIVKH
CLK
Input
tPCIXKH
CLK
Output Delay
tPCKHOV
High-Impedance
tPCKHOZ
Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More