Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC8544EBVTALFA Fiches technique(PDF) 55 Page - NXP Semiconductors

No de pièce MPC8544EBVTALFA
Description  MPC8544E PowerQUICC III Integrated Processor Hardware Specifications
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8544EBVTALFA Fiches technique(HTML) 55 Page - NXP Semiconductors

Back Button MPC8544EBVTALFA Datasheet HTML 51Page - NXP Semiconductors MPC8544EBVTALFA Datasheet HTML 52Page - NXP Semiconductors MPC8544EBVTALFA Datasheet HTML 53Page - NXP Semiconductors MPC8544EBVTALFA Datasheet HTML 54Page - NXP Semiconductors MPC8544EBVTALFA Datasheet HTML 55Page - NXP Semiconductors MPC8544EBVTALFA Datasheet HTML 56Page - NXP Semiconductors MPC8544EBVTALFA Datasheet HTML 57Page - NXP Semiconductors MPC8544EBVTALFA Datasheet HTML 58Page - NXP Semiconductors MPC8544EBVTALFA Datasheet HTML 59Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 117 page
background image
MPC8544E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 8
Freescale Semiconductor
55
Programmable Interrupt Controller
Figure 33. Local Bus Signals, GPCM/UPM Signals for LCCR[CLKDIV] = 8 or 16 (PLL Bypass Mode)
11 Programmable Interrupt Controller
In IRQ edge trigger mode, when an external interrupt signal is asserted (according to the programmed
polarity), it must remain the assertion for at least 3 system clocks (SYSCLK periods).
tLBIXKL2
tLBIVKH1
Internal Launch/Capture Clock
UPM Mode Input Signal:
LUPWAIT
T1
T3
UPM Mode Output Signals:
LCS[0:7]/LBS[0:3]/LGPL[0:5]
GPCM Mode Output Signals:
LCS[0:7]/LWE
T2
T4
Input Signals:
LAD[0:31]/LDP[0:3]
LCLK
tLBKLOV1
tLBKLOZ1
tLBKLOX1
tLBIXKH1
GPCM Mode Input Signal:
LGTA
tLBIVKL2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More