Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MSCSM170AM039CD3AG Fiches technique(PDF) 11 Page - Microchip Technology

No de pièce MSCSM170AM039CD3AG
Description  Phase Leg SiC Power Module
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MSCSM170AM039CD3AG Fiches technique(HTML) 11 Page - Microchip Technology

Back Button MSCSM170AM039CD3AG Datasheet HTML 7Page - Microchip Technology MSCSM170AM039CD3AG Datasheet HTML 8Page - Microchip Technology MSCSM170AM039CD3AG Datasheet HTML 9Page - Microchip Technology MSCSM170AM039CD3AG Datasheet HTML 10Page - Microchip Technology MSCSM170AM039CD3AG Datasheet HTML 11Page - Microchip Technology MSCSM170AM039CD3AG Datasheet HTML 12Page - Microchip Technology MSCSM170AM039CD3AG Datasheet HTML 13Page - Microchip Technology MSCSM170AM039CD3AG Datasheet HTML 14Page - Microchip Technology MSCSM170AM039CD3AG Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
2.
Package Specifications
The following section shows the package specification of the MSCSM170AM039CD3AG device.
2.1
Package Outline
The following figure shows the package outline drawing of the MSCSM170AM039CD3AG device. The dimensions in
the following figure are in millimeters.
Figure 2-1. Package Outline Drawing
Note:  See application note 1908—Mounting instructions for D3 and D4 power modules for more information.
MSCSM170AM039CD3AG
Package Specifications
© 2021 Microchip Technology Inc.
Datasheet
DS00003968A-page 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16