Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BISC-122-05/L Fiches technique(PDF) 2 Page - Balluff Korea Ltd.

No de pièce BISC-122-05/L
Description  LF (70/455 kHz)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BALLUFF [Balluff Korea Ltd.]
Site Internet  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BISC-122-05/L Fiches technique(HTML) 2 Page - Balluff Korea Ltd.

  BISC-122-05/L Datasheet HTML 1Page - Balluff Korea Ltd. BISC-122-05/L Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LF (70/455 kHz)
BIS C-122-05/L
Order Code: BIS015W
Internet
www.balluff.com
eCl@ss 9.1: 27-28-04-02
Subject to change without notice: 245955
ETIM 6.0: EC002996
BIS015W_1.16_2021-05-08
2 / 2
Time specification includes data check.
IP68 tested according to BWN Pr 36
On the last page only 31x8 bits are usable.
For installation in hole Ø10 H11 (glue)



Html Pages

1 2