Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MSCSM70HM05CAG Fiches technique(PDF) 2 Page - Microchip Technology

No de pièce MSCSM70HM05CAG
Description  Full Bridge SiC Power Module
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MSCSM70HM05CAG Fiches technique(HTML) 2 Page - Microchip Technology

  MSCSM70HM05CAG Datasheet HTML 1Page - Microchip Technology MSCSM70HM05CAG Datasheet HTML 2Page - Microchip Technology MSCSM70HM05CAG Datasheet HTML 3Page - Microchip Technology MSCSM70HM05CAG Datasheet HTML 4Page - Microchip Technology MSCSM70HM05CAG Datasheet HTML 5Page - Microchip Technology MSCSM70HM05CAG Datasheet HTML 6Page - Microchip Technology MSCSM70HM05CAG Datasheet HTML 7Page - Microchip Technology MSCSM70HM05CAG Datasheet HTML 8Page - Microchip Technology MSCSM70HM05CAG Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Features
The following are key features of the MSCSM70HM05CAG device:
• SiC Schottky Diode
– Zero reverse recovery
– Zero forward recovery
– Temperature independent switching behavior
– Positive temperature coefficient on VF
• SiC Power MOSFET
– Low RDS(on)
– High temperature performance
• Kelvin emitter for easy drive
• Low stray inductance
• AlN substrate for improved thermal performance
• M5 power connectors
Benefits
The following are benefits of the MSCSM70HM05CAG device:
• High efficiency converter
• Outstanding performance at high frequency operation
• Stable temperature behavior
• Direct mounting to heatsink (isolated package)
• Low junction-to-case thermal resistance
• RoHS compliant
Application
The MSCSM70HM05CAG device is designed for the following applications:
• Welding converters
• Switched mode power supplies
• Uninterruptible power supplies
• EV motor and traction drive
MSCSM70HM05CAG
© 2021 Microchip Technology Inc.
Datasheet
DS00003927A-page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16