Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MSC010SDA070K Fiches technique(PDF) 7 Page - Microchip Technology

No de pièce MSC010SDA070K
Description  Zero Recovery Silicon Carbide Schottky Diode
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MSC010SDA070K Fiches technique(HTML) 7 Page - Microchip Technology

Back Button MSC010SDA070K Datasheet HTML 3Page - Microchip Technology MSC010SDA070K Datasheet HTML 4Page - Microchip Technology MSC010SDA070K Datasheet HTML 5Page - Microchip Technology MSC010SDA070K Datasheet HTML 6Page - Microchip Technology MSC010SDA070K Datasheet HTML 7Page - Microchip Technology MSC010SDA070K Datasheet HTML 8Page - Microchip Technology MSC010SDA070K Datasheet HTML 9Page - Microchip Technology MSC010SDA070K Datasheet HTML 10Page - Microchip Technology MSC010SDA070K Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Table 2-1. TO-220 Dimensions
Symbol
Min (mm)
Max (mm)
Min (in.)
Max (in.)
A
4.32
4.57
0.170
0.180
B
1.14
1.40
0.045
0.055
C
2.50
2.74
0.098
0.108
D
0.36
0.53
0.014
0.021
E
2.65
3.05
0.104
0.120
F
3.60
3.96
0.142
0.156
G
14.50
15.60
0.571
0.614
H
2.39
3.65
0.094
0.144
I
6.00
6.80
0.236
0.268
J
8.40
9.00
0.331
0.354
K
13.00
14.00
0.512
0.051
L
1.23
1.39
0.048
0.055
M
0.69
0.88
0.027
0.035
N
10.00
10.36
0.394
0.408
O
7.57
7.90
0.298
0.311
P
12.20
13.10
0.480
0.516
Q
2.54 BSC (nom.)
0.100 BSC (nom.)
Terminal 1
Cathode
Terminal 2
Anode
Terminal 3
Cathode
MSC010SDA070K
Package Specification
© 2021 Microchip Technology Inc.
Datasheet
DS-00003907A-page 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12