Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MSC010SDA070B Fiches technique(PDF) 7 Page - Microchip Technology

No de pièce MSC010SDA070B
Description  Zero Recovery Silicon Carbide Schottky Diode
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MSC010SDA070B Fiches technique(HTML) 7 Page - Microchip Technology

Back Button MSC010SDA070B Datasheet HTML 3Page - Microchip Technology MSC010SDA070B Datasheet HTML 4Page - Microchip Technology MSC010SDA070B Datasheet HTML 5Page - Microchip Technology MSC010SDA070B Datasheet HTML 6Page - Microchip Technology MSC010SDA070B Datasheet HTML 7Page - Microchip Technology MSC010SDA070B Datasheet HTML 8Page - Microchip Technology MSC010SDA070B Datasheet HTML 9Page - Microchip Technology MSC010SDA070B Datasheet HTML 10Page - Microchip Technology MSC010SDA070B Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
...........continued
Symbol
Min (mm)
Max (mm)
Min (in.)
Max (in.)
E
5.38
6.20
0.212
0.244
F
3.50
3.81
0.138
0.150
G
6.15 BSC
0.242 BSC
H
20.80
21.46
0.819
0.845
I
19.81
20.32
0.780
0.800
J
4.00
4.50
0.157
0.177
K
1.01
1.40
0.040
0.055
L
1.65
2.13
0.065
0.084
M
15.49
16.26
0.610
0.640
N
13.50
14.50
0.531
0.571
O
16.50
17.50
0.650
0.689
P
5.45 BSC
0.215 BSC
Q
2.00
2.75
0.079
0.108
R
7.10
7.50
0.280
0.295
Terminal 1
Cathode
Terminal 2
Anode
Terminal 3
Cathode
MSC010SDA070B
Package Specifications
© 2021 Microchip Technology Inc.
Datasheet
DS-00003878A-page 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12