Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MSM6685AJS Fiches technique(PDF) 8 Page - OKI electronic componets

No de pièce MSM6685AJS
Description  8,388,608-Word x 1-Bit Serial Register
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OKI [OKI electronic componets]
Site Internet  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6685AJS Fiches technique(HTML) 8 Page - OKI electronic componets

Back Button MSM6685AJS Datasheet HTML 2Page - OKI electronic componets MSM6685AJS Datasheet HTML 3Page - OKI electronic componets MSM6685AJS Datasheet HTML 4Page - OKI electronic componets MSM6685AJS Datasheet HTML 5Page - OKI electronic componets MSM6685AJS Datasheet HTML 6Page - OKI electronic componets MSM6685AJS Datasheet HTML 7Page - OKI electronic componets MSM6685AJS Datasheet HTML 8Page - OKI electronic componets MSM6685AJS Datasheet HTML 9Page - OKI electronic componets MSM6685AJS Datasheet HTML 10Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
¡ Semiconductor
8/9
MSM6685A
NOTES ON ENERGIZATION
MSM6685A has built-in bias generator and internal power supply circuits, thus, power up must be
followedbyapauseof1msormoreforinternalcircuitstabilization. Furthermore,theTESTpinmust
be brought "L" concurrently with or prior to VCC, and all clock input pins and TEST pins must be
brought "H" concurrently with or prior to VCC.
To achieve proper operation of internal circuits, the initial pause above must be followed by a
minimum ten dummy read cycles with RWCK for internal circuit initialization.
NOTES ON SUPPLY VOLTAGE VARIATION
When using MSM6685A, take precautions so that the supply voltage does not vary over one volt
within a period of 1,000ms or less in the active state.



Html Pages

1 2 3 4 5 6 7 8 9 10