Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MSM6587JS Fiches technique(PDF) 6 Page - OKI electronic componets

No de pièce MSM6587JS
Description  524,288-Word x 1-Bit Serial Register
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OKI [OKI electronic componets]
Site Internet  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6587JS Fiches technique(HTML) 6 Page - OKI electronic componets

Back Button MSM6587JS Datasheet HTML 2Page - OKI electronic componets MSM6587JS Datasheet HTML 3Page - OKI electronic componets MSM6587JS Datasheet HTML 4Page - OKI electronic componets MSM6587JS Datasheet HTML 5Page - OKI electronic componets MSM6587JS Datasheet HTML 6Page - OKI electronic componets MSM6587JS Datasheet HTML 7Page - OKI electronic componets MSM6587JS Datasheet HTML 8Page - OKI electronic componets MSM6587JS Datasheet HTML 9Page - OKI electronic componets MSM6587JS Datasheet HTML 10Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
¡ Semiconductor
MSM6587
6/13
AC Characteristics (Continued)
Parameter
Symbol
Min.
Max.
Min.
Max.
Unit
MSM6586-SELF
MSM6586-AUTO
4,000
100,000
2,000
100,000
Fast Mode Width
tFCC
ns
0—0—
Slow Mode Setup Time
tSS
ns
50—50—
Slow Mode Hold Time
tSH
ns
Note: 1. Up/down switching for internal addresses is not available in fast mode.
2. Switching to the fast mode should be made satisfying the timings of tFS and tSS at the "L"
level of RWCK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14