Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADUCM4050BCBZ-R7 Fiches technique(PDF) 44 Page - Analog Devices

No de pièce ADUCM4050BCBZ-R7
Description  Ultra Low Power ARM Cortex-M4F MCU with Integrated Power Management
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADUCM4050BCBZ-R7 Fiches technique(HTML) 44 Page - Analog Devices

Back Button ADUCM4050BCBZ-R7 Datasheet HTML 38Page - Analog Devices ADUCM4050BCBZ-R7 Datasheet HTML 39Page - Analog Devices ADUCM4050BCBZ-R7 Datasheet HTML 40Page - Analog Devices ADUCM4050BCBZ-R7 Datasheet HTML 41Page - Analog Devices ADUCM4050BCBZ-R7 Datasheet HTML 42Page - Analog Devices ADUCM4050BCBZ-R7 Datasheet HTML 43Page - Analog Devices ADUCM4050BCBZ-R7 Datasheet HTML 44Page - Analog Devices ADUCM4050BCBZ-R7 Datasheet HTML 45Page - Analog Devices ADUCM4050BCBZ-R7 Datasheet HTML 46Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 44 / 46 page
background image
ADuCM4050
Data Sheet
Rev. A | Page 44 of 46
SECTION 1. ADuCM4050 FUNCTIONALITY ISSUES
Reference No.
Description
Status
21000011
I2C master mode fails to generate clock when clock dividers are too small
Identified
21000016
Possible receive data loss with I2C automatic clock stretching
Identified
21000017
SPI read command mode does not work properly when SPI_CNT is 1 and DMA is enabled
Identified
This completes the Silicon Anomaly section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46