Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MAX96708 Fiches technique(PDF) 55 Page - Maxim Integrated Products

No de pièce MAX96708
Description  14-Bit GMSL Deserializer with Coax or STP Cable Input
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MAXIM [Maxim Integrated Products]
Site Internet  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX96708 Fiches technique(HTML) 55 Page - Maxim Integrated Products

Back Button MAX96708 Datasheet HTML 51Page - Maxim Integrated Products MAX96708 Datasheet HTML 52Page - Maxim Integrated Products MAX96708 Datasheet HTML 53Page - Maxim Integrated Products MAX96708 Datasheet HTML 54Page - Maxim Integrated Products MAX96708 Datasheet HTML 55Page - Maxim Integrated Products MAX96708 Datasheet HTML 56Page - Maxim Integrated Products MAX96708 Datasheet HTML 57Page - Maxim Integrated Products MAX96708 Datasheet HTML 58Page - Maxim Integrated Products MAX96708 Datasheet HTML 59Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 68 page
background image
rsvd_ca (0xCA)
BIT
7
6
5
4
3
2
1
0
Field
RSVD
RSVD
RSVD
RSVD[1:0]
RSVD
RSVD
RSVD
Reset
0b
Xb
Xb
XXb
Xb
Xb
Xb
Access Type Write, Read
Read Only
Read Only
Read Only
Read Only
Read Only
Read Only
BITFIELD
BITS
DESCRIPTION
DECODE
RSVD
7
Reserved: Do not change from default value
0: Reserved
RSVD
6
Reserved: Do not change from default value
X: Reserved
RSVD
5
Reserved: Do not change from default value
X: Reserved
RSVD
4:3
Reserved: Do not change from default value
XX: Reserved
RSVD
2
Reserved: Do not change from default value
X: Reserved
RSVD
1
Reserved: Do not change from default value
X: Reserved
RSVD
0
Reserved: Do not change from default value
X: Reserved
rsvd_cb (0xCB)
BIT
7
6
5
4
3
2
1
0
Field
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
Reset
Xb
Xb
Xb
Xb
Xb
Xb
Xb
0b
Access Type
Read Only
Read Only
Read Only
Read Only
Read Only
Read Only
Read Only
Write, Read
BITFIELD
BITS
DESCRIPTION
DECODE
RSVD
7
Reserved: Do not change from default value
X: Reserved
RSVD
6
Reserved: Do not change from default value
X: Reserved
RSVD
5
Reserved: Do not change from default value
X: Reserved
RSVD
4
Reserved: Do not change from default value
X: Reserved
RSVD
3
Reserved:
X: Reserved
RSVD
2
Reserved:
X: Reserved
RSVD
1
Reserved:
X: Reserved
RSVD
0
Reserved: Do not change from default value
0: Reserved
rsvd_cc (0xCC)
BIT
7
6
5
4
3
2
1
0
Field
RSVD
RSVD[6:0]
Reset
0b
XXXXXXXb
Access Type Write, Read
Read Only
BITFIELD
BITS
DESCRIPTION
DECODE
RSVD
7
Reserved: Do not change from default value
0: Reserved
RSVD
6:0
Reserved: Do not change from default value
XXXXXXX: Reserved
www.maximintegrated.com
Maxim Integrated │ 55
MAX96708
14-Bit GMSL Deserializer
with Coax or STP Cable Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68