Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BISC-103-05/A Fiches technique(PDF) 2 Page - Balluff Korea Ltd.

No de pièce BISC-103-05/A
Description  LF (70/455 kHz)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BALLUFF [Balluff Korea Ltd.]
Site Internet  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BISC-103-05/A Fiches technique(HTML) 2 Page - Balluff Korea Ltd.

  BISC-103-05/A Datasheet HTML 1Page - Balluff Korea Ltd. BISC-103-05/A Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LF (70/455 kHz)
BIS C-103-05/A
Order Code: BIS0004
Internet
www.balluff.com
eCl@ss 9.1: 27-28-04-02
Subject to change without notice: 222118
ETIM 6.0: EC002996
BIS0004_1.2_2021-07-14
2 / 2
For installation requirements see corresponding read/write head.
Time specification includes data check.
IP68 tested according to BWN Pr 36
On the last page only 31x8 bits are usable.
For installation in hole Ø12 H11 (glue)



Html Pages

1 2