Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BIS00TY Fiches technique(PDF) 2 Page - Balluff Korea Ltd.

No de pièce BIS00TY
Description  UHF (860...960 MHz)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BALLUFF [Balluff Korea Ltd.]
Site Internet  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BIS00TY Fiches technique(HTML) 2 Page - Balluff Korea Ltd.

  BIS00TY Datasheet HTML 1Page - Balluff Korea Ltd. BIS00TY Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
UHF (860...960 MHz)
BIS U-301-C1-TNCB
Order Code: BIS00TY
Internet
www.balluff.com
eCl@ss 9.1: 27-28-04-01
Subject to change without notice: 221392
ETIM 6.0: EC002996
BIS00TY_1.8_2021-03-30
2 / 2
Remarks
For basic equipment: Accessories see www.balluff.com
When installing, the technical standards and regulations of the corresponding countries must be observed.
Values are under rated conditions unless otherwise specified.
Technical Drawings
1) Radiation diagram X+Y



Html Pages

1 2