Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VFOE-LE-T-R18-Q4 Fiches technique(PDF) 1 Page - Festo Corporation.

No de pièce VFOE-LE-T-R18-Q4
Description  Check valve
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FESTO [Festo Corporation.]
Site Internet  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

VFOE-LE-T-R18-Q4 Fiches technique(HTML) 1 Page - Festo Corporation.

  VFOE-LE-T-R18-Q4 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Check valve
VFOE-LE-T-R18-Q4
Part number: 8068734
Data sheet
Feature
Value
Type code
VFOE
Valve function
Exhaust air flow control non-return function
Pneumatic connection 1
QS-4
Pneumatic connection 2
R1/8
Actuation type
Manual
Adjusting element
Rotary knob with detent
Type of mounting
Screw-in
Standard nominal flow rate in flow control direction
160 l/min
Standard nominal flow rate in non-return direction
90 l/min ... 150 l/min
Ambient temperature
-10 °C ... 60 °C
Housing material
PBT
Mounting position
Any
Symbol
00991452
Width across flats
13 mm
Rotatability
360 deg/continuous swiveling not permissible
Operating pressure for entire temperature range
0.2 bar ... 10 bar
Standard flow rate in flow control direction 6 -> 0 bar
250 l/min
Standard flow rate in non-return direction at 6 -> 0 bar
240 l/min ... 300 l/min
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
Temperature of medium
-10 °C ... 60 °C
Product weight
9.5 g
Note on materials
RoHS-compliant
Cover material
PBT
Material of dynamic seals
HNBR
Threaded bolt material
Steel, galvanized
Releasing ring material
PBT
Static seal material
NBR
11/3/21 - Subject to change - Festo AG & Co. KG
1/1


Numéro de pièce similaire - VFOE-LE-T-R18-Q4

FabricantNo de pièceFiches techniqueDescription
logo
Festo Corporation.
VFOE-LE-T-R18-Q4-F1A FESTO-VFOE-LE-T-R18-Q4-F1A Datasheet
116Kb / 2P
One-way flow control valve
More results

Description similaire - VFOE-LE-T-R18-Q4

FabricantNo de pièceFiches techniqueDescription
logo
Festo Corporation.
8068725 FESTO-8068725 Datasheet
81Kb / 1P
Check valve
8068726 FESTO-8068726 Datasheet
82Kb / 1P
Check valve
8068727 FESTO-8068727 Datasheet
85Kb / 1P
Check valve
8068735 FESTO-8068735 Datasheet
80Kb / 1P
Check valve
8068736 FESTO-8068736 Datasheet
83Kb / 1P
Check valve
8068747 FESTO-8068747 Datasheet
81Kb / 1P
Check valve
8068748 FESTO-8068748 Datasheet
83Kb / 1P
Check valve
8068750 FESTO-8068750 Datasheet
82Kb / 1P
Check valve
8068751 FESTO-8068751 Datasheet
81Kb / 1P
Check valve
8068752 FESTO-8068752 Datasheet
84Kb / 1P
Check valve
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com