Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FSW Fiches technique(PDF) 3 Page - Schurter Inc.

No de pièce FSW
Description  AC Filter 2-Stage, Very High Symmetrical and Asymmetrical Attenuation
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SCHURTER [Schurter Inc.]
Site Internet  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

FSW Fiches technique(HTML) 3 Page - Schurter Inc.

  FSW Datasheet HTML 1Page - Schurter Inc. FSW Datasheet HTML 2Page - Schurter Inc. FSW Datasheet HTML 3Page - Schurter Inc. FSW Datasheet HTML 4Page - Schurter Inc. FSW Datasheet HTML 5Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
1-Phase Line Filters
FSW
https://www.schurter.com /PG84
EMC Products
Case FF with bolt and nut M4
27
1)
2)
4)
5)
4)
3)
max. 160
max. 58
max. 131
15.2
max. 156
140 ±0.5
144 ±0.5
1) Line
2) Load
3) Lock-nut do not unscrew
4) Nut torque 0.85...1 Nm, keep lock-nut fastened
Case FF with quick connect terminals
max. 156
max. 131
max. 58
15.2
27
1)
2)
6.3x0.8
(5x)
max. 156
144 ±0.5
140 ±0.5
1) Line
2) Load



Html Pages

1 2 3 4 5