Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BCRT-WCC Fiches technique(PDF) 48 Page - List of Unclassifed Manufacturers

No de pièce BCRT-WCC
Description  BCRT Bus Controller/Remote Terminal/Monitor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

BCRT-WCC Fiches technique(HTML) 48 Page - List of Unclassifed Manufacturers

Back Button BCRT-WCC Datasheet HTML 44Page - List of Unclassifed Manufacturers BCRT-WCC Datasheet HTML 45Page - List of Unclassifed Manufacturers BCRT-WCC Datasheet HTML 46Page - List of Unclassifed Manufacturers BCRT-WCC Datasheet HTML 47Page - List of Unclassifed Manufacturers BCRT-WCC Datasheet HTML 48Page - List of Unclassifed Manufacturers BCRT-WCC Datasheet HTML 49Page - List of Unclassifed Manufacturers BCRT-WCC Datasheet HTML 50Page - List of Unclassifed Manufacturers BCRT-WCC Datasheet HTML 51Page - List of Unclassifed Manufacturers BCRT-WCC Datasheet HTML 52Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 48 / 52 page
background image
Packaging-9
36-Lead Flatpack, Dual Cavity (50-MIL Lead Spacing)
TOP
E
0.700 + 0.015
Notes:
1. All package finishes are per MIL-M-38510.
2. It is recommended that package ceramic be mounted to
a heat removal rail located on the printed circuit board.
A thermally conductive material such as MERECO XLN-589
or equivalent should be used.
3. Letter designations are for cross-reference to MIL-M-38510.
c
0.007
+ 0.002
- 0.001
Q
0.070 + 0.010
(At Ceramic Body)
A
0.100 MAX.
END
D
1.000 ± 0.025
b
0.016 + 0.002
e
0.050
PIN 1 I.D
(Geometry Optional)
L
0.330
MIN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52