Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74ACT Fiches technique(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce 74ACT
Description  9-Bit D Flip-Flop
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

74ACT Fiches technique(HTML) 5 Page - National Semiconductor (TI)

  74ACT Datasheet HTML 1Page - National Semiconductor (TI) 74ACT Datasheet HTML 2Page - National Semiconductor (TI) 74ACT Datasheet HTML 3Page - National Semiconductor (TI) 74ACT Datasheet HTML 4Page - National Semiconductor (TI) 74ACT Datasheet HTML 5Page - National Semiconductor (TI) 74ACT Datasheet HTML 6Page - National Semiconductor (TI) 74ACT Datasheet HTML 7Page - National Semiconductor (TI) 74ACT Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Ordering Information
The device number is used to form part of a simplified purchasing code where the package type and temperature range are
defined as follows
74ACT
823
P
C
QR
Temperature Range Family
Special Variations
74ACT e Commercial TTL-Compatible
X e Devices shipped in 13 reels
54ACT e Military TTL-Compatible
QR e Commercial grade device with
burn-in
Device Type
QB e Military grade device with
environmental and burn-in
Package Code
processing shipped in tubes
SP e Slim Plastic DIP
SD e Slim Ceramic DIP
Temperature Range
F e Flatpak
C e Commercial (b40 Cto a85 C)
L e Leadless Ceramic Chip Carrier (LCC)
M e Military (b55 Cto a125 C)
S e Small Outline (SOIC)
Physical Dimensions inches (millimeters)
28 Terminal Ceramic Leadless Chip Carrier (L)
NS Package Number E28A
5



Html Pages

1 2 3 4 5 6 7 8