Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BISC-140-05/L Fiches technique(PDF) 2 Page - Balluff Korea Ltd.

No de pièce BISC-140-05/L
Description  LF (70/455 kHz)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BALLUFF [Balluff Korea Ltd.]
Site Internet  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BISC-140-05/L Fiches technique(HTML) 2 Page - Balluff Korea Ltd.

  BISC-140-05/L Datasheet HTML 1Page - Balluff Korea Ltd. BISC-140-05/L Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LF (70/455 kHz)
BIS C-140-05/L
Order Code: BIS00J6
Internet
www.balluff.com
eCl@ss 9.1: 27-28-04-02
Subject to change without notice: 222134
ETIM 6.0: EC002996
BIS00J6_3.16_2021-07-14
2 / 2
Remarks
Installation Instructions 866886
On the last page only 31x8 bits are usable.
IP68 tested according to BWN Pr 36
Replacement data carrier for BIS C-140-05/L-Mx
Time specification includes data check.
Only together with converter BIS C-901 or BIS C-6xx and the appropriate read/write head.
For installation requirements see corresponding read/write head.
Values are under rated conditions unless otherwise specified.
For more information about MTTF and B10d see MTTF / B10d Certificate
Indication of the MTTF- / B10d value does not represent a binding composition and/or life expectancy assurance; these are simply experiential values with
no warranty implications. These declared values also do not extend the expiration period for defect claims or affect it in any way.
Help Views
Installation note



Html Pages

1 2