Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AMD-761 Fiches technique(PDF) 49 Page - Advanced Micro Devices

No de pièce AMD-761
Description  AMD-761-TM System Controller Software/BIOS Design Guide
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-761 Fiches technique(HTML) 49 Page - Advanced Micro Devices

Back Button AMD-761 Datasheet HTML 45Page - Advanced Micro Devices AMD-761 Datasheet HTML 46Page - Advanced Micro Devices AMD-761 Datasheet HTML 47Page - Advanced Micro Devices AMD-761 Datasheet HTML 48Page - Advanced Micro Devices AMD-761 Datasheet HTML 49Page - Advanced Micro Devices AMD-761 Datasheet HTML 50Page - Advanced Micro Devices AMD-761 Datasheet HTML 51Page - Advanced Micro Devices AMD-761 Datasheet HTML 52Page - Advanced Micro Devices AMD-761 Datasheet HTML 53Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 264 page
background image
Chapter 2
AMD-761™ System Controller Programmer’s Interface
37
24081D—February 2002
AMD-761™ System Controller Software/BIOS Design Guide
Preliminary Information
Base Address 0: AGP Virtual Address Space
Dev0:F0:0x10
Register Description
This register is used by system BIOS memory mapping software to allocate virtual address space for AGP.
31
30
29
28
27
26
25
24
Bit
Base_Addr_High
Base-
Addr_Low
Reset
00000000
R/W
R/W
R
23
22
21
20
19
18
17
16
Bit
Base_Addr_Low
Reset
00000000
R/W
R
15
14
13
12
11
10
9
8
Bit
Base_Addr_Low
Reset
00000000
R/W
R
7
6
5
4
3
2
1
0
Bit
Base_Addr_Low
Prefetchable
Type
Memory
Reset
00001000
R/W
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More