Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM29DL161DB120VRF Fiches technique(PDF) 45 Page - Advanced Micro Devices

No de pièce AM29DL161DB120VRF
Description  16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29DL161DB120VRF Fiches technique(HTML) 45 Page - Advanced Micro Devices

Back Button AM29DL161DB120VRF Datasheet HTML 41Page - Advanced Micro Devices AM29DL161DB120VRF Datasheet HTML 42Page - Advanced Micro Devices AM29DL161DB120VRF Datasheet HTML 43Page - Advanced Micro Devices AM29DL161DB120VRF Datasheet HTML 44Page - Advanced Micro Devices AM29DL161DB120VRF Datasheet HTML 45Page - Advanced Micro Devices AM29DL161DB120VRF Datasheet HTML 46Page - Advanced Micro Devices AM29DL161DB120VRF Datasheet HTML 47Page - Advanced Micro Devices AM29DL161DB120VRF Datasheet HTML 48Page - Advanced Micro Devices AM29DL161DB120VRF Datasheet HTML 49Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 57 page
background image
May 26, 2004
Am29DL16xD
45
AC CHARACTERISTICS
OE#
CE#
WE#
Addresses
tOEH
tDH
tAHT
tASO
tOEPH
tOE
Valid Data
(first read)
(second read)
(stops toggling)
tCEPH
tAHT
tAS
DQ6/DQ2
Valid Data
Valid
Status
Valid
Status
Valid
Status
RY/BY#
Note: VA = Valid address; not required for DQ6. Illustration shows first two status cycle after command sequence, last status read
cycle, and array data read cycle
Figure 22.
Toggle Bit Timings (During Embedded Algorithms)
Note: DQ2 toggles only when read at an address within an erase-suspended sector. The system may use OE# or CE# to toggle
DQ2 and DQ6.
Figure 23.
DQ2 vs. DQ6
Enter
Erase
Erase
Erase
Enter Erase
Suspend Program
Erase Suspend
Read
Erase Suspend
Read
Erase
WE#
DQ6
DQ2
Erase
Complete
Erase
Suspend
Suspend
Program
Resume
Embedded
Erasing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57