| Moteur de recherche de fiches techniques de composants électroniques |
|
ACCESSORIES Fiches technique(PDF) 7 Page - Schurter Inc. |
|
|
|||||||||||||||||||||||||||||
ACCESSORIES Fiches technique(HTML) 7 Page - Schurter Inc. |
|
7 / 7 page ![]() 7 [www.schurter.com] Cord retaining kits Selection Chart Appliance inlet or outlet Plug or con- nector for ca- ble Accessories 45,0 12,0 Additional drilling for Kit L 42,0 12,4 Additional drilling for Kits E and G when used with 472x and 6600 snap-in 36,0 16,1 Montageloch- Kante für Geräte- stecker ø 3,4 / Typical Additional drilling for Kit A 42,6 16,6 Additional drilling for Kit M g Kante für Geräte- stecker 96,2 (4752) 122,1 (4754) 134,0 (4754) 24,0 24,0 24,0 12,0 13,0 42,0 32,5 Additional drilling for Kit H when used with 4754 and 4758 Inlet end of cut-out Montageloch-Kante für Gerätestecker Outlet end of cut-out Montageloch-Kante für Gerätesteckdose Additional drilling for Kits E and G when used with 4752, 4754 and 4758 4781.0000 C A 4781.0100 A B A B A A A A A C A B H C B B C A B A B A A 4782.0000 4782.0100 4732.0000 E D E E E D E 4735.0000 G F G G G F G 4795.0000 L K M 4796.0000 J Inlet end of cut-out Inlet end of cut-out |