Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM29DL161DT90WCF Fiches technique(PDF) 49 Page - Advanced Micro Devices

No de pièce AM29DL161DT90WCF
Description  16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29DL161DT90WCF Fiches technique(HTML) 49 Page - Advanced Micro Devices

Back Button AM29DL161DT90WCF Datasheet HTML 45Page - Advanced Micro Devices AM29DL161DT90WCF Datasheet HTML 46Page - Advanced Micro Devices AM29DL161DT90WCF Datasheet HTML 47Page - Advanced Micro Devices AM29DL161DT90WCF Datasheet HTML 48Page - Advanced Micro Devices AM29DL161DT90WCF Datasheet HTML 49Page - Advanced Micro Devices AM29DL161DT90WCF Datasheet HTML 50Page - Advanced Micro Devices AM29DL161DT90WCF Datasheet HTML 51Page - Advanced Micro Devices AM29DL161DT90WCF Datasheet HTML 52Page - Advanced Micro Devices AM29DL161DT90WCF Datasheet HTML 53Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 57 page
background image
May 26, 2004
Am29DL16xD
49
AC CHARACTERISTICS
tGHEL
tWS
OE#
CE#
WE#
RESET#
tDS
Data
tAH
Addresses
tDH
tCP
DQ7#
DOUT
tWC
tAS
tCPH
PA
Data# Polling
A0 for program
55 for erase
tRH
tWHWH1 or 2
RY/BY#
tWH
PD for program
30 for sector erase
10 for chip erase
555 for program
2AA for erase
PA for program
SA for sector erase
555 for chip erase
tBUSY
Notes:
1. Figure indicates last two bus cycles of a program or erase operation.
2. PA = program address, SA = sector address, PD = program data.
3. DQ7# is the complement of the data written to the device. D
OUT is the data written to the device.
4. Waveforms are for the word mode.
Figure 26.
Alternate CE# Controlled Write (Erase/Program) Operation Timings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57