Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM29DL162DT90PCF Fiches technique(PDF) 39 Page - Advanced Micro Devices

No de pièce AM29DL162DT90PCF
Description  16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29DL162DT90PCF Fiches technique(HTML) 39 Page - Advanced Micro Devices

Back Button AM29DL162DT90PCF Datasheet HTML 35Page - Advanced Micro Devices AM29DL162DT90PCF Datasheet HTML 36Page - Advanced Micro Devices AM29DL162DT90PCF Datasheet HTML 37Page - Advanced Micro Devices AM29DL162DT90PCF Datasheet HTML 38Page - Advanced Micro Devices AM29DL162DT90PCF Datasheet HTML 39Page - Advanced Micro Devices AM29DL162DT90PCF Datasheet HTML 40Page - Advanced Micro Devices AM29DL162DT90PCF Datasheet HTML 41Page - Advanced Micro Devices AM29DL162DT90PCF Datasheet HTML 42Page - Advanced Micro Devices AM29DL162DT90PCF Datasheet HTML 43Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 57 page
background image
May 26, 2004
Am29DL16xD
39
AC CHARACTERISTICS
Hardware Reset (RESET#)
Note: Not 100% tested.
Parameter
Description
All Speed Options
Unit
JEDEC
Std
t
Ready
RESET# Pin Low (During Embedded Algorithms)
to Read Mode (See Note)
Max
20
µs
t
Ready
RESET# Pin Low (NOT During Embedded
Algorithms) to Read Mode (See Note)
Max
500
ns
t
RP
RESET# Pulse Width
Min
500
ns
t
RH
Reset High Time Before Read (See Note)
Min
50
ns
t
RPD
RESET# Low to Standby Mode
Min
20
µs
t
RB
RY/BY# Recovery Time
Min
0
ns
RESET#
RY/BY#
RY/BY#
tRP
tReady
Reset Timings NOT during Embedded Algorithms
tReady
CE#, OE#
tRH
CE#, OE#
Reset Timings during Embedded Algorithms
RESET#
tRP
tRB
Figure 14.
Reset Timings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57