Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ZLP12840OPTMCU Fiches technique(PDF) 45 Page - Zilog, Inc.

No de pièce ZLP12840OPTMCU
Description  Crimzon-TM Infrared Microcontrollers ZLP12840 OTP MCU with Learning Amplification
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ZILOG [Zilog, Inc.]
Site Internet  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

ZLP12840OPTMCU Fiches technique(HTML) 45 Page - Zilog, Inc.

Back Button ZLP12840OPTMCU Datasheet HTML 41Page - Zilog, Inc. ZLP12840OPTMCU Datasheet HTML 42Page - Zilog, Inc. ZLP12840OPTMCU Datasheet HTML 43Page - Zilog, Inc. ZLP12840OPTMCU Datasheet HTML 44Page - Zilog, Inc. ZLP12840OPTMCU Datasheet HTML 45Page - Zilog, Inc. ZLP12840OPTMCU Datasheet HTML 46Page - Zilog, Inc. ZLP12840OPTMCU Datasheet HTML 47Page - Zilog, Inc. ZLP12840OPTMCU Datasheet HTML 48Page - Zilog, Inc. ZLP12840OPTMCU Datasheet HTML 49Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 58 page
background image
PS024406-0106
P R E L I M I N A R Y
Register File
ZLP12840 OTP MCU
Product Specification
34
ÍÎÐ ýûîí
åÍ»¬ ©±®µ·²¹ ®»¹·-¬»® ¹®±«° î ·² ¾¿²µ í
ÔÜ Îðô ýûëë
åÔ±¿¼ ëë ·²¬± ©±®µ·²¹ ®»¹·-¬»® Îð ·² ¬¸» ½«®®»²¬
å¹®±«° ¿²¼ ¾¿²µ ø´·²»¿® ¿¼¼®»-- íîð¸÷
ÍÎÐ ýûïî
åÍ»¬ ©±®µ·²¹ ®»¹·-¬»® ¹®±«° ï ·² ¾¿²µ î
ÔÜ Îêô ýûðí
åÔ±¿¼ ¸·¹¸ ¾§¬» ±º -±«®½» ´·²»¿® ¿¼¼®»-- øðíîð¸÷
ÔÜ Îéô ýûîð
åÔ±¿¼ ´±© ¾§¬» ±º -±«®½» ´·²»¿® ¿¼¼®»-- øðíîð¸÷
ÔÜ Îðô àÎÎê
åÔ±¿¼ ´·²»¿® ¿¼¼®»-- íî𸠽±²¬»²¬- øëë¸÷ ·²¬±
婱®µ·²¹ ®»¹·-¬»® Îð ·² ¬¸» ½«®®»²¬ ¹®±«° ¿²¼
徿²µ ø´·²»¿® ¿¼¼®»-- îïð¸÷
As it can be seen in the above example, the source register is referenced via a linear
address value contained within registers R6 and R7, whereas the destination is referenced
via the SRP setting and a working register. Further explanation of the use of the LDX and
LDXI instructions can be found in the Z8 LXM CPU Core User Manual (UM0183).
The LDE and LDEI instructions that existed in the Z8 CPU are no longer valid; they have
been replaced by the LDX and LDXI instructions.
Note:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58