Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DS31256 Fiches technique(PDF) 181 Page - Maxim Integrated Products

No de pièce DS31256
Description  256-Channel, High-Throughput HDLC Controller
PDF  183 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MAXIM [Maxim Integrated Products]
Site Internet  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS31256 Fiches technique(HTML) 181 Page - Maxim Integrated Products

Back Button DS31256_V01 Datasheet HTML 175Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 176Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 177Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 178Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 179Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 180Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 181Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 182Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 183Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 181 / 183 page
background image
DS31256 256-Channel, High-Throughput HDLC Controller
181 of 183
17.2 Dual T3 with 256 HDLC Channel Support
Figure 17-5 shows an application where two T3 lines are interfaced to a single DS31256. The T3 lines are
demultiplexed by DS3112 M13 devices and passed to the DS21FF42 4 x 4 16-channel T1 framer and
DS21FT42 4 x 3 12-channel T1 framer devices. The T1 framers locate the frame and multiframe
boundaries and interface to the DS31256 by aggregating four T1 lines into a single 8.192MHz data
stream, which then flows into and out of the DS31256. The T1 lines can be either clear channel or
channelized.
Figure 17-5. Dual T3 Application
DS31256
DS21FF42
4 x 4
16-Channel
T1 Framer
DS21FT42
4 x 3
12-Channel
T1 Framer
DS21FF42
4 x 4
16-Channel
T1 Framer
DS21FT42
4 x 3
12-Channel
T1 Framer
DS3112
M13
Interface
1
2
16
T3
Line
#1
T3
Line
#2
Port 0
Port 1
Port 2
Port 3
17
18
28
Port 4
Port 5
Port 6
Port 7
1
2
16
17
18
28
Port 8
Port 9
Port 10
Port 11
Port 12
Port 13
Port 14
Port 15
DS3112
M13
Interface
DS3152
Dual
T3/E3
LIU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More