Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DS31256 Fiches technique(PDF) 109 Page - Maxim Integrated Products

No de pièce DS31256
Description  256-Channel, High-Throughput HDLC Controller
PDF  183 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MAXIM [Maxim Integrated Products]
Site Internet  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS31256 Fiches technique(HTML) 109 Page - Maxim Integrated Products

Back Button DS31256_V01 Datasheet HTML 105Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 106Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 107Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 108Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 109Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 110Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 111Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 112Page - Maxim Integrated Products DS31256_V01 Datasheet HTML 113Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 183 page
background image
DS31256 256-Channel, High-Throughput HDLC Controller
109 of 183
Figure 9-11. Transmit DMA Memory Organization
Free Data Buffer Space
Transmit Pending-Queue Descriptors:
Contains Index Pointers to Packet
Descriptors of Queued Data Buffers that
are Ready to be Transmitted
Up to 64k dwords
Free-Queue Descriptors Allowed
Pending-Queue Base Address (32)
Pending-Queue End Address (16)
Pending-Queue Host Write Pointer (16)
Pending-Queue DMA Read Pointer (16)
Done-Queue Base Address (32)
Done-Queue End Address (16)
Done-Queue DMA Write Pointer (16)
Done-Queue Host Read Pointer (16)
Descriptor Base Address (32)
Used Data Buffer Space
Main Offboard Memory
(32-Bit Address Space)
Internal Registers
Transmit Done-Queue Descriptors:
Contains Index Pointers to Packet
Descriptors of Data Buffers that have
been Transmitted
Up to 64k dwords
Done-Queue Descriptors Allowed
Transmit Packet Descriptors:
Contains 32-Bit Addresses to Data
Buffers as well as Status/Control
Information and Links to Other Packet
Descriptors
Up to 64k quad dwords
Descriptors Allowed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More