Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

Z84C9012VSC Fiches technique(PDF) 6 Page - Zilog, Inc.

No de pièce Z84C9012VSC
Description  KIO Serial/Parallel Counter Timer
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ZILOG [Zilog, Inc.]
Site Internet  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z84C9012VSC Fiches technique(HTML) 6 Page - Zilog, Inc.

Back Button Z84C9012VSC Datasheet HTML 2Page - Zilog, Inc. Z84C9012VSC Datasheet HTML 3Page - Zilog, Inc. Z84C9012VSC Datasheet HTML 4Page - Zilog, Inc. Z84C9012VSC Datasheet HTML 5Page - Zilog, Inc. Z84C9012VSC Datasheet HTML 6Page - Zilog, Inc. Z84C9012VSC Datasheet HTML 7Page - Zilog, Inc. Z84C9012VSC Datasheet HTML 8Page - Zilog, Inc. Z84C9012VSC Datasheet HTML 9Page - Zilog, Inc. Z84C9012VSC Datasheet HTML 10Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
Z84C90
KIO Serial/Parallel Counter Timer
PS011802-0902
1
Z84C90
KIO Serial/Parallel Counter/Timer
Product Specification
Features
General Description
ZiLOG’s Z84C90 Serial/Parallel/Counter/Timer KIO is a multi-channel, multipurpose I/O
device designed to provide the end-user with a cost-effective and powerful solution to
meet peripheral needs. The Z84C90 combines the features of one Z84C30 CTC, one
Z84C20 PIO, a Z84C4x SIO, a 8-bit, bit-programmable I/O port, and a crystal-oscillator
into a single package (84-pin PLCC or 100-pin LQFP). Using fifteen internal registers for
data and programming information, the KIO can easily be configured to any given system
environment. Although the optimum performance is obtained with a Z84C00 CPU, the
KIO can just as easily be used with any other CPU.
Table 1. Z84C90 KIO Serial/Parallel/Counter/Timer Packages
Part Number
Package
Frequency (MHz)
Z84C9008ASC
100-pin LQFP
8
Z84C9010ASC
100-pin LQFP
10
Z84C9008VEC
84-pin PLCC
8
Z84C9008VSC
84-pin PLCC
8
Z84C9010VSC
84-pin PLCC
10
Z84C9012VSC
84-pin PLCC
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31