Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

Z8F082ASH020EC Fiches technique(PDF) 52 Page - Zilog, Inc.

No de pièce Z8F082ASH020EC
Description  Z8 Encore XP-R F08xA Series with eXtended Peripherals
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ZILOG [Zilog, Inc.]
Site Internet  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F082ASH020EC Fiches technique(HTML) 52 Page - Zilog, Inc.

Back Button Z8F082ASH020EC Datasheet HTML 48Page - Zilog, Inc. Z8F082ASH020EC Datasheet HTML 49Page - Zilog, Inc. Z8F082ASH020EC Datasheet HTML 50Page - Zilog, Inc. Z8F082ASH020EC Datasheet HTML 51Page - Zilog, Inc. Z8F082ASH020EC Datasheet HTML 52Page - Zilog, Inc. Z8F082ASH020EC Datasheet HTML 53Page - Zilog, Inc. Z8F082ASH020EC Datasheet HTML 54Page - Zilog, Inc. Z8F082ASH020EC Datasheet HTML 55Page - Zilog, Inc. Z8F082ASH020EC Datasheet HTML 56Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 244 page
background image
PS024705-0405
P R E L I M I N A R Y
General-Purpose I/O
Z8 Encore! XP® F08xA Series
Product Specification
34
Table 14. Port Alternate Function Mapping (20/28-Pin Parts)
Port
Pin
Mnemonic
Alternate Function Description
Alternate
Function Set
Register AFS1
Port A
PA0
T0IN/T0OUT
Timer 0 Input/Timer 0 Output Complement N/A
Reserved
PA1
T0OUT
Timer 0 Output
Reserved
PA2
DE0
UART 0 Driver Enable
Reserved
PA3
CTS0
UART 0 Clear to Send
Reserved
PA4
RXD0/IRRX0
UART 0 / IrDA 0 Receive Data
Reserved
PA5
TXD0/IRTX0
UART 0 / IrDA 0 Transmit Data
Reserved
PA6
T1IN/T1OUT
Timer 1 Input/Timer 1 Output Complement
Reserved
PA7
T1OUT
Timer 1 Output
Reserved
Note: Because there is only a single alternate function for each Port A pin, the Alternate Function
Set registers are not implemented for Port A. Enabling alternate function selections as described in
“Port A–D Alternate Function Sub-Registers” on page 39 automatically enables the associated
alternate function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More