Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PAC1933 Fiches technique(PDF) 53 Page - Microchip Technology

No de pièce PAC1933
Description  Single/Multi-Channel DC Power/Energy Monitor with Accumulator
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PAC1933 Fiches technique(HTML) 53 Page - Microchip Technology

Back Button PAC1933 Datasheet HTML 49Page - Microchip Technology PAC1933 Datasheet HTML 50Page - Microchip Technology PAC1933 Datasheet HTML 51Page - Microchip Technology PAC1933 Datasheet HTML 52Page - Microchip Technology PAC1933 Datasheet HTML 53Page - Microchip Technology PAC1933 Datasheet HTML 54Page - Microchip Technology PAC1933 Datasheet HTML 55Page - Microchip Technology PAC1933 Datasheet HTML 56Page - Microchip Technology PAC1933 Datasheet HTML 57Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 64 page
background image
 2017-2019 Microchip Technology Inc.
DS20005850E-page 53
PAC1931/2/3/4
B
A
0.20 C
0.20 C
0.10
C A B
(DATUM B)
(DATUM A)
C
SEATING
PLANE
NOTE 1
1
2
N
2X
TOP VIEW
SIDE VIEW
BOTTOM VIEW
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
NOTE 1
1
2
N
0.10
C A B
0.10
C A B
0.10 C
0.08 C
A1
Microchip Technology Drawing C04-257A Sheet 1 of 2
16-Lead Ultra Thin Plastic Quad Flat, No Lead Package (JQ) - 4x4x0.5 mm Body [UQFN]
D
E
A
(A3)
16X b
e
e
2
2X
D2
E2
K
L
16X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64