| Moteur de recherche de fiches techniques de composants électroniques |
|
STE2007 Fiches technique(PDF) 49 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STE2007 Fiches technique(HTML) 49 Page - STMicroelectronics |
|
49 / 62 page ![]() STE2007 8 Commands 49/62 8.12.3 Electronic volume This command sets a value of electronic volume EV for the VLCD voltage regulator, to adjust the contrast of LCD panel display (End User). Table 34. Electronic volume Table 35. EV 8.13 Power saver mode If the display all points ON command is executed when the display is in display OFF mode, power saver mode is entered. This mode stops every operation of the LCD display system. Figure 37. Power saver mode The internal states in power saver mode are as follows: – The oscillation circuit is stopped – The LCD power supply circuit is stopped – The LCD driver circuit is stopped and segment/common driver outputs to the Vss level (D/C) D7 D6D5D4D3 D2D1D0 Setting 0 1 0 0 Electronic Volume Value Command Identifier + Data Field (D/C) D7D6D5D4D3D2D1D0 Hex EV Value VLCD voltage 010000000 80 0 Step low 0 00001 81 1 Step 0 00010 82 2 Step :: : : : 0 10000 90 16 Step (Default) :: : : : 0 11110 9E 30 Step 0 11111 9F 31 Step high Power saver (Display OFF & Display all points ON Power saver mode Powersaver OFF (Display all points OFF) Power saver mode canceled Command Effect |