Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CD1865 Fiches technique(PDF) 21 Page - Intel Corporation

No de pièce CD1865
Description  Intelligent Eight-Channel Communications Controller
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTEL [Intel Corporation]
Site Internet  http://www.intel.com
Logo INTEL - Intel Corporation

CD1865 Fiches technique(HTML) 21 Page - Intel Corporation

Back Button CD1865 Datasheet HTML 17Page - Intel Corporation CD1865 Datasheet HTML 18Page - Intel Corporation CD1865 Datasheet HTML 19Page - Intel Corporation CD1865 Datasheet HTML 20Page - Intel Corporation CD1865 Datasheet HTML 21Page - Intel Corporation CD1865 Datasheet HTML 22Page - Intel Corporation CD1865 Datasheet HTML 23Page - Intel Corporation CD1865 Datasheet HTML 24Page - Intel Corporation CD1865 Datasheet HTML 25Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 150 page
background image
Intelligent Eight-Channel Communications Controller — CD1865
Datasheet
21
Modem I/O signals are implemented as ‘conventional’ input-output circuits, readable, and writable
by either the on-device or the host CPU. This allows maximum flexibility in using these signals
either in the conventional way, or for any other I/O function required. When the CD1865 processor
is using these pins to implement flow-control functions, it reads them under software control and
implements the function that way. There is no direct hardware association between the modem pins
and the serial I/O hardware.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More