| Moteur de recherche de fiches techniques de composants électroniques |
|
MAX11642 Fiches technique(PDF) 21 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
MAX11642 Fiches technique(HTML) 21 Page - Maxim Integrated Products |
|
21 / 22 page ![]() 8-Bit, 16-/8-Channel, 300ksps ADCs with FIFO and Internal Reference ______________________________________________________________________________________ 21 24 23 22 21 20 19 18 17 1 2 3 4 5 6 7 8 EOC DOUT DIN CS AIN3 AIN2 AIN1 AIN0 TOP VIEW SCLK VDD GND REF AIN7 AIN6 AIN5 AIN4 16 15 14 13 9 10 11 12 AIN14 CNVST/AIN15 AIN13 AIN12 AIN11 AIN10 AIN9 AIN8 QSOP MAX11642 MAX11643 + Pin Configurations (continued) Chip Information PROCESS: BiCMOS PACKAGE TYPE PACKAGE CODE OUTLINE NO. LAND PATTERN NO. 16 QSOP E16+5 21-0055 90-0167 24 QSOP E24+3 21-0055 90-0172 Package Information For the latest package outline information and land patterns (footprints), go to www.maxim-ic.com/packages. Note that a “+”, “#”, or “-” in the package code indicates RoHS status only. Package drawings may show a different suffix character, but the drawing pertains to the package regardless of RoHS status. |