Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ETB1A-THR Fiches technique(PDF) 1 Page - EXCEL CELL ELECTRONIC CO., LTD.

No de pièce ETB1A-THR
Description  WIRE PROTECTOR TYPE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ECE [EXCEL CELL ELECTRONIC CO., LTD.]
Site Internet  https://www.ece.com.tw/en/
Logo ECE - EXCEL CELL ELECTRONIC CO., LTD.

ETB1A-THR Fiches technique(HTML) 1 Page - EXCEL CELL ELECTRONIC CO., LTD.

  ETB1A-THR Datasheet HTML 1Page - EXCEL CELL ELECTRONIC CO., LTD. ETB1A-THR Datasheet HTML 2Page - EXCEL CELL ELECTRONIC CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
EUROSTYLE P.C.B. TERMINAL BLOCK
UL pending
ETB1A-THR SERIES
WIRE PROTECTOR TYPE
PITCH=5.0/10.0mm
FEATURES
Easy to assemble for any number of positions
End stackabale without any loss of P.C.B. space
Special wire protector design to ensure reliable wire clamping
UL 94V-0 grade fire retardant engineering plastic
Be capable of clamping a wide range of wire diameters
THR components are designed for fully automated assembly
Compact size for P.C.B.
SPECIFICATIONS
Pitch
5.0mm
Wire range
22~14 AWG
No. of pole per block
2P or 3P or 4P
Rating
10 Amp, 300 VAC
Housing
PA6
Terminals
Tin plated over Copper Alloy
Screws
M2.6x0.45P,Zinc plated over Steel
Wire protector
Stainless Steel
Torque
0.25N-m(2.18 lb-in) Max.
(tested by manual torque screwdriver)
Operating temperature -30°C~+125°C
(includes temperature rise limit)
Stripping length
6mm
UL pending
300V,10A,22~14AWG
PART NUMBERING SYSTEM
ETB 1A XX T K 0 X4 Z
                    
Z:RoHS Compliant
Special number
                    
X1:IC tube Package
                    
X4:with Place pad in Tape&Reel Package
Screw type:
                
0: “+” screw
Housing color:
K: Black
Pitch and Setting:
T: THR type Standard pitch
H:THR type Standard pitch x2
Number of poles
 
Series
      
Model
For the latest product information, Please visit our website at http://www.ece.com.tw
Terminal Block


Numéro de pièce similaire - ETB1A-THR

FabricantNo de pièceFiches techniqueDescription
logo
EXCEL CELL ELECTRONIC C...
ETB1A-THT ECE-ETB1A-THT Datasheet
162Kb / 2P
WIRE PROTECTOR TYPE
More results

Description similaire - ETB1A-THR

FabricantNo de pièceFiches techniqueDescription
logo
Major League Electronic...
TBW-00-197 MAJOR-LEAGUE-TBW-00-197 Datasheet
81Kb / 2P
.197cl Wire Protector Terminal Block Interlock
logo
Tyco Electronics
1776302 MACOM-1776302 Datasheet
66Kb / 1P
12.0 PITCH, W/ WIRE PROTECTOR
logo
EXCEL CELL ELECTRONIC C...
ETB1A-THT ECE-ETB1A-THT Datasheet
162Kb / 2P
WIRE PROTECTOR TYPE
ETB02 ECE-ETB02 Datasheet
183Kb / 4P
WIRE PROTECTOR TYPE
ETB3A ECE-ETB3A Datasheet
103Kb / 2P
WIRE PROTECTOR TYPE
ETB08 ECE-ETB08 Datasheet
105Kb / 2P
WIRE PROTECTOR TYPE
ETB09 ECE-ETB09 Datasheet
107Kb / 2P
WIRE PROTECTOR, RIGHT ANGLE TYPE
ETB10 ECE-ETB10 Datasheet
194Kb / 2P
WIRE PROTECTOR TYPE
ETB11 ECE-ETB11 Datasheet
103Kb / 2P
WIRE PROTECTOR TYPE
ETB12 ECE-ETB12 Datasheet
146Kb / 2P
WIRE PROTECTOR, RIGHT ANGLE TYPE
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com