Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SCIMX6DP6EVT1AB Fiches technique(PDF) 87 Page - NXP Semiconductors

No de pièce SCIMX6DP6EVT1AB
Description  i.MX 6DualPlus/6QuadPlus Applications Processors Industrial Products
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

SCIMX6DP6EVT1AB Fiches technique(HTML) 87 Page - NXP Semiconductors

Back Button SCIMX6DP6EVT1AB Datasheet HTML 83Page - NXP Semiconductors SCIMX6DP6EVT1AB Datasheet HTML 84Page - NXP Semiconductors SCIMX6DP6EVT1AB Datasheet HTML 85Page - NXP Semiconductors SCIMX6DP6EVT1AB Datasheet HTML 86Page - NXP Semiconductors SCIMX6DP6EVT1AB Datasheet HTML 87Page - NXP Semiconductors SCIMX6DP6EVT1AB Datasheet HTML 88Page - NXP Semiconductors SCIMX6DP6EVT1AB Datasheet HTML 89Page - NXP Semiconductors SCIMX6DP6EVT1AB Datasheet HTML 90Page - NXP Semiconductors SCIMX6DP6EVT1AB Datasheet HTML 91Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 160 page
background image
Electrical Characteristics
i.MX 6DualPlus/6QuadPlus Applications Processors Industrial Products, Rev. 3, 11/2018
NXP Semiconductors
87
Power-up time for the HDMI 3D Tx PHY while operating with the fastest input reference clock supported
(340 MHz) is 133
μs.
4.12.7.2
Electrical Characteristics
The table below provides electrical characteristics for the HDMI 3D Tx PHY. The following three figures
illustrate various definitions and measurement conditions specified in the table below.
Figure 48. Driver Measuring Conditions
Figure 49. Driver Definitions
Figure 50. Source Termination
Table 55. Electrical Characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Unit
Operating conditions for HDMI
avddtmds Termination supply voltage
—
3.15
3.3
3.45
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More