| Moteur de recherche de fiches techniques de composants électroniques |
|
PCIMX6DP5AYM2AB Fiches technique(PDF) 24 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCIMX6DP5AYM2AB Fiches technique(HTML) 24 Page - NXP Semiconductors |
|
24 / 168 page ![]() i.MX 6DualPlus/6QuadPlus Applications Processors Consumer Products, Rev. 3, 11/2018 24 NXP Semiconductors Electrical Characteristics GPIO supplies10 NVCC_CSI, NVCC_EIM0, NVCC_EIM1, NVCC_EIM2, NVCC_ENET, NVCC_GPIO, NVCC_LCD, NVCC_NANDF, NVCC_SD1, NVCC_SD2, NVCC_SD3, NVCC_JTAG 1.65 1.8, 2.8, 3.3 3.6 V Isolation between the NVCC_EIMx and NVCC_SDx different supplies allow them to operate at different voltages within the specified range. Example: NVCC_EIM1 can operate at 1.8 V while NVCC_EIM2 operates at 3.3 V. NVCC_LVDS_2P511 NVCC_MIPI 2.25 2.5 2.75 V — HDMI supply voltages HDMI_VP 0.99 1.1 1.3 V — HDMI_VPH 2.25 2.5 2.75 V — PCIe supply voltages PCIE_VP 1.023 1.1 1.3 V — PCIE_VPH 2.325 2.5 2.75 V — PCIE_VPTX 1.023 1.1 1.3 V — SATA Supply voltages SATA_VP 0.99 1.1 1.3 V — SATA_VPH 2.25 2.5 2.75 V — Junction temperature TJ -20 95 105 °CSee i.MX 6Dual/6Quad Product Lifetime Usage Estimates Application Note, AN4724, for information on product lifetime (power-on years) for this processor. 1 Applying the maximum voltage results in maximum power consumption and heat generation. NXP recommends a voltage set point = (Vmin + the supply tolerance). This results in an optimized power/speed ratio. 2 See the Hardware Development Guide for i.MX 6Quad, 6Dual, 6DualLite, 6Solo Families of Applications Processors (IMX6DQ6SDLHDG) for bypass capacitors requirements for each of the *_CAP supply outputs. 3 For Quad core system, connect to VDD_ARM_IN. For Dual core system, may be shorted to GND together with VDD_ARM23_CAP to reduce leakage. 4 VDD_ARM_IN and VDD_SOC_IN must be at least 125 mV higher than the LDO Output Set Point for correct voltage regulation. 5 VDD_ARM_CAP must not exceed VDD_CACHE_CAP by more than +50 mV. VDD_CACHE_CAP must not exceed VDD_ARM_CAP by more than 200 mV. 6 VDD_SOC_CAP and VDD_PU_CAP must be equal. 7 In LDO enabled mode, the internal LDO output set points must be configured such that the: VDD_ARM LDO output set point does not exceed the VDD_SOC LDO output set point by more than 100 mV. VDD_SOC LDO output set point is equal to the VDD_PU LDO output set point. The VDD_ARM LDO output set point can be lower than the VDD_SOC LDO output set point, however, the minimum output set points shown in this table must be maintained. 8 In LDO bypassed mode, the external power supply must ensure that VDD_ARM_IN does not exceed VDD_SOC_IN by more than 100 mV. The VDD_ARM_IN supply voltage can be lower than the VDD_SOC_IN supply voltage. The minimum voltages shown in this table must be maintained. 9 To set VDD_SNVS_IN voltage with respect to Charging Currents and RTC, see the Hardware Development Guide for i.MX 6Dual, 6Quad, 6Solo, 6DualLite Families of Applications Processors (IMX6DQ6SDLHDG). Table 6. Operating Ranges (continued) Parameter Description Symbol Min Typ Max1 Unit Comment2 |