Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCIMX6DP6AVT2AB Fiches technique(PDF) 95 Page - NXP Semiconductors

No de pièce PCIMX6DP6AVT2AB
Description  i.MX 6DualPlus/6QuadPlus Applications Processors Consumer Products
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCIMX6DP6AVT2AB Fiches technique(HTML) 95 Page - NXP Semiconductors

Back Button PCIMX6DP6AVT2AB Datasheet HTML 91Page - NXP Semiconductors PCIMX6DP6AVT2AB Datasheet HTML 92Page - NXP Semiconductors PCIMX6DP6AVT2AB Datasheet HTML 93Page - NXP Semiconductors PCIMX6DP6AVT2AB Datasheet HTML 94Page - NXP Semiconductors PCIMX6DP6AVT2AB Datasheet HTML 95Page - NXP Semiconductors PCIMX6DP6AVT2AB Datasheet HTML 96Page - NXP Semiconductors PCIMX6DP6AVT2AB Datasheet HTML 97Page - NXP Semiconductors PCIMX6DP6AVT2AB Datasheet HTML 98Page - NXP Semiconductors PCIMX6DP6AVT2AB Datasheet HTML 99Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 168 page
background image
Electrical Characteristics
i.MX 6DualPlus/6QuadPlus Applications Processors Consumer Products, Rev. 3, 11/2018
NXP Semiconductors
95
4.12.10.1 IPU Sensor Interface Signal Mapping
The IPU supports a number of sensor input formats. Table 62 defines the mapping of the Sensor Interface
Pins used for various supported interface formats.
Table 62. Camera Input Signal Cross Reference, Format, and Bits Per Cycle
Signal
Name1
1 IPU2_CSIx stands for IPU2_CSI1 or IPU2_CSI2.
RGB565
8 bits
2 cycles
RGB5652
8 bits
3 cycles
RGB6663
8 bits
3 cycles
RGB888
8 bits
3 cycles
YCbCr4
8 bits
2 cycles
RGB5655
16 bits
1 cycle
YCbCr6
16 bits
1 cycle
YCbCr7
16 bits
1 cycle
YCbCr8
20 bits
1 cycle
IPUx_CSIx_
DATA00
———
—
—
—
—
0
C[0]
IPUx_CSIx_
DATA01
———
—
—
—
—
0
C[1]
IPUx_CSIx_
DATA02
—
—
—
—
—
—
—
C[0]
C[2]
IPUx_CSIx_
DATA03
—
—
—
—
—
—
—
C[1]
C[3]
IPUx_CSIx_
DATA04
—
—
—
—
—
B[0]
C[0]
C[2]
C[4]
IPU2_CSIx_
DATA_05
—
—
—
—
—
B[1]
C[1]
C[3]
C[5]
IPUx_CSIx_
DATA06
—
—
—
—
—
B[2]
C[2]
C[4]
C[6]
IPUx_CSIx_
DATA07
—
—
—
—
—
B[3]
C[3]
C[5]
C[7]
IPUx_CSIx_
DATA08
—
—
—
—
—
B[4]
C[4]
C[6]
C[8]
IPUx_CSIx_
DATA09
—
—
—
—
—
G[0]
C[5]
C[7]
C[9]
IPUx_CSIx_
DATA10
—
—
—
—
—
G[1]
C[6]
0
Y[0]
IPUx_CSIx_
DATA11
—
—
—
—
—
G[2]
C[7]
0
Y[1]
IPUx_CSIx_
DATA12
B[0], G[3]
R[2],G[4],B[2]
R/G/B[4]
R/G/B[0]
Y/C[0]
G[3]
Y[0]
Y[0]
Y[2]
IPUx_CSIx_
DATA13
B[1], G[4]
R[3],G[5],B[3]
R/G/B[5]
R/G/B[1]
Y/C[1]
G[4]
Y[1]
Y[1]
Y[3]
IPUx_CSIx_
DATA14
B[2], G[5]
R[4],G[0],B[4]
R/G/B[0]
R/G/B[2]
Y/C[2]
G[5]
Y[2]
Y[2]
Y[4]
IPUx_CSIx_
DATA15
B[3], R[0]
R[0],G[1],B[0]
R/G/B[1]
R/G/B[3]
Y/C[3]
R[0]
Y[3]
Y[3]
Y[5]
IPUx_CSIx_
DATA16
B[4], R[1]
R[1],G[2],B[1]
R/G/B[2]
R/G/B[4]
Y/C[4]
R[1]
Y[4]
Y[4]
Y[6]
IPUx_CSIx_
DATA17
G[0], R[2]
R[2],G[3],B[2]
R/G/B[3]
R/G/B[5]
Y/C[5]
R[2]
Y[5]
Y[5]
Y[7]
IPUx_CSIx_
DATA18
G[1], R[3]
R[3],G[4],B[3]
R/G/B[4]
R/G/B[6]
Y/C[6]
R[3]
Y[6]
Y[6]
Y[8]
IPUx_CSIx_
DATA19
G[2], R[4]
R[4],G[5],B[4]
R/G/B[5]
R/G/B[7]
Y/C[7]
R[4]
Y[7]
Y[7]
Y[9]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More