Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TL082ACDE4 Fiches technique(PDF) 44 Page - Texas Instruments

Click here to check the latest version.
No de pièce TL082ACDE4
Description  TL08xx FET-Input Operational Amplifiers
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TL082ACDE4 Fiches technique(HTML) 44 Page - Texas Instruments

Back Button TL082ACDE4 Datasheet HTML 40Page - Texas Instruments TL082ACDE4 Datasheet HTML 41Page - Texas Instruments TL082ACDE4 Datasheet HTML 42Page - Texas Instruments TL082ACDE4 Datasheet HTML 43Page - Texas Instruments TL082ACDE4 Datasheet HTML 44Page - Texas Instruments TL082ACDE4 Datasheet HTML 45Page - Texas Instruments TL082ACDE4 Datasheet HTML 46Page - Texas Instruments TL082ACDE4 Datasheet HTML 47Page - Texas Instruments TL082ACDE4 Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 75 page
background image
TAPE AND REEL INFORMATION
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
TL081ACDR
SOIC
D
8
2500
330.0
12.4
6.4
5.2
2.1
8.0
12.0
Q1
TL081BCDR
SOIC
D
8
2500
330.0
12.4
6.4
5.2
2.1
8.0
12.0
Q1
TL081CDR
SOIC
D
8
2500
330.0
12.4
6.4
5.2
2.1
8.0
12.0
Q1
TL081CPSR
SO
PS
8
2000
330.0
16.4
8.35
6.6
2.4
12.0
16.0
Q1
TL081HIDBVR
SOT-23
DBV
5
3000
180.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
TL081HIDCKR
SC70
DCK
5
3000
178.0
9.0
2.4
2.5
1.2
4.0
8.0
Q3
TL081HIDR
SOIC
D
8
3000
330.0
12.4
6.4
5.2
2.1
8.0
12.0
Q1
TL081IDR
SOIC
D
8
2500
330.0
12.4
6.4
5.2
2.1
8.0
12.0
Q1
TL082ACDR
SOIC
D
8
2500
330.0
12.4
6.4
5.2
2.1
8.0
12.0
Q1
TL082ACDR
SOIC
D
8
2500
330.0
12.4
6.4
5.2
2.1
8.0
12.0
Q1
TL082ACPSR
SO
PS
8
2000
330.0
16.4
8.35
6.6
2.4
12.0
16.0
Q1
TL082BCDR
SOIC
D
8
2500
330.0
12.4
6.4
5.2
2.1
8.0
12.0
Q1
TL082CDR
SOIC
D
8
2500
330.0
12.4
6.4
5.2
2.1
8.0
12.0
Q1
TL082CDR
SOIC
D
8
2500
330.0
12.4
6.4
5.2
2.1
8.0
12.0
Q1
TL082CPSR
SO
PS
8
2000
330.0
16.4
8.35
6.6
2.4
12.0
16.0
Q1
TL082CPWR
TSSOP
PW
8
2000
330.0
12.4
7.0
3.6
1.6
8.0
12.0
Q1
TL082HIDDFR
SOT-
23-THIN
DDF
8
3000
180.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
PACKAGE MATERIALS INFORMATION
www.ti.com
6-Oct-2021
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75