Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BIS013P Fiches technique(PDF) 2 Page - Balluff Korea Ltd.

No de pièce BIS013P
Description  UHF (860...960 MHz)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BALLUFF [Balluff Korea Ltd.]
Site Internet  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BIS013P Fiches technique(HTML) 2 Page - Balluff Korea Ltd.

  BIS013P Datasheet HTML 1Page - Balluff Korea Ltd. BIS013P Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
UHF (860...960 MHz)
BIS U-142-06/CA-M8-GY
Order Code: BIS013P
Internet
www.balluff.com
eCl@ss 9.1: 27-28-04-02
Subject to change without notice: 236771
ETIM 6.0: EC002996
BIS013P_1.14_2021-05-08
2 / 2
Remarks
Values are under rated conditions unless otherwise specified.
Only when used together with the appropriate read/write head.
For installation requirements see corresponding read/write head.
We recommend lightly oiling the data carrier screws and storing in a dry location at room temperature.
Lubricate screw before installing.



Html Pages

1 2