Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MTC20455 Fiches technique(PDF) 2 Page - STMicroelectronics

No de pièce MTC20455
Description  QUAD ADSL DMT TRANSCEIVER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MTC20455 Fiches technique(HTML) 2 Page - STMicroelectronics

  MTC20455 Datasheet HTML 1Page - STMicroelectronics MTC20455 Datasheet HTML 2Page - STMicroelectronics MTC20455 Datasheet HTML 3Page - STMicroelectronics MTC20455 Datasheet HTML 4Page - STMicroelectronics MTC20455 Datasheet HTML 5Page - STMicroelectronics MTC20455 Datasheet HTML 6Page - STMicroelectronics MTC20455 Datasheet HTML 7Page - STMicroelectronics MTC20455 Datasheet HTML 8Page - STMicroelectronics MTC20455 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
MTC20455
2/23
Figure 2. PQF160 package pin out
Table 1. I/O types
Type
Function
I
Input
I-PD
Input with internal pull down resistor
I-PU
Input with internal pull up resistor
O
Output
OZ
Tri-state output
B
Bidirectional
GGround
PPower
VDD
AFTXD_2_3
AFTXD_2_2
AFTXD_2_1
AFTXD_2_0
VSS
CTRLDATA_2
MCLK_2
CLWD_2
VDD
AFRXD_2_3
AFRXD_2_2
AFRXD_2_1
AFRXD_2_0
VDDIO
PDOWN_2
AFRESET_2
GP_IN
VSS
AFTXD_1_3
AFTXD_1_2
AFTXD_1_1
AFTXD_1_0
VSSIO
CTRLDATA_1
MCLK_1
CLWD_1
VDD
AFRXD_1_3
AFRXD_1_2
AFRXD_1_1
AFRXD_1_0
PDOWN_1
AFRESET_1
VDDIO
AFTXD_0_3
AFTXD_0_2
AFTXD_0_1
AFTXD_0_0
VSS
VSS
AD_00
AD_01
AD_02
AD_03
VDDIO
AD_04
AD_05
AD_06
AD_07
VSSIO
AD_08
AD_09
AD_10
AD_11
VDD
AD_12
AD_13
AD_14
AD_15
VSS
PCLK
BE
ALE
CSB_0
VDD
CSB_1
CSB_2
CSB_3
WR_RDB
VSS
RDYB
OBC_TYPE
INTB_0
INTB_1
VDD
INTB_2
INTB_3
RESETB
VSS
01
02
03
04
05
06
07
08
09
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
120
119
118
117
116
115
114
113
112
111
110
109
108
107
106
105
104
103
102
101
100
099
098
097
096
095
094
093
092
091
090
089
088
087
086
085
084
083
082
081
MTC20455
(PQFP160)
UTOPIA TX
TEST
UTOPIA RX
AFE_0
AFE_3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23