| Moteur de recherche de fiches techniques de composants électroniques |
|
4752 Fiches technique(PDF) 2 Page - Schurter Inc. |
|
|
|||||||||||||||||||||||||||||
4752 Fiches technique(HTML) 2 Page - Schurter Inc. |
|
2 / 4 page ![]() 2 Distribution Units 4752 https://www.schurter.com /PG07_1 Connectors Product standards Product standards that are referenced Organization Design Standard Description Designed according to IEC 60320-1 Appliance couplers for household and similar general purposes Designed according to IEC 60320-3 Appliance couplers for household and similar general purposes Designed according to UL 60320-1 Standard for Attachment Plugs and Receptacles Designed according to CSA C22.2 no. 60320-1 General Use Receptacles, Attachment Plugs, and Similar Wiring Devices Application standards Application standards where the product can be used Organization Design Standard Description Designed for applications acc. IEC/UL 62368-1 Audio/video, information and communication technology equipment - Part 1: Safety requirements Compliances The product complies with following Guide Lines Identification Details Initiator Description CE declaration of conformity SCHURTER AG The CE marking declares that the product complies with the applicable requirements laid down in the harmonisation of Community legislation on its affixing in accordance with EU Regulation 765/2008. UKCA declaration of conformity SCHURTER AG The UKCA marking declares that the product complies with the applicable requirements laid down in the British Amendment of Regulation (EC) 765/2008. RoHS SCHURTER AG Directive RoHS 2011/65/EU, Amendment (EU) 2015/863 China RoHS SCHURTER AG The law SJ / T 11363-2006 (China RoHS) has been in force since 1 March 2007. It is similar to the EU directive RoHS. REACH SCHURTER AG On 1 June 2007, Regulation (EC) No 1907/2006 on the Registration, Evaluation, Authorization and Restriction of Chemicals 1 (abbreviated as "REACH") entered into force. Dimensions [mm] Quadbloc 4752 100 96.2 25.3 S 2.5 21.5 47.5 +0.20 0 |