Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

USB5826CT/KD Fiches technique(PDF) 8 Page - Microchip Technology

No de pièce USB5826CT/KD
Description  6-Port USB 3.2 Gen 1 SmartHubTM IC with Support for Dual USB Type-C짰 DFPs
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB5826CT/KD Fiches technique(HTML) 8 Page - Microchip Technology

Back Button USB5826CT/KD Datasheet HTML 4Page - Microchip Technology USB5826CT/KD Datasheet HTML 5Page - Microchip Technology USB5826CT/KD Datasheet HTML 6Page - Microchip Technology USB5826CT/KD Datasheet HTML 7Page - Microchip Technology USB5826CT/KD Datasheet HTML 8Page - Microchip Technology USB5826CT/KD Datasheet HTML 9Page - Microchip Technology USB5826CT/KD Datasheet HTML 10Page - Microchip Technology USB5826CT/KD Datasheet HTML 11Page - Microchip Technology USB5826CT/KD Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 65 page
background image
2019 - 2021 Microchip Technology Inc.
DS00003187B-page 8
USB5826C
3.0
PIN DESCRIPTIONS
3.1
Pin Diagram
Note 1: Configuration straps are identified by an underlined symbol name. Signals that function as configuration
straps must be augmented with an external resistor when connected to a load. Refer to Section 3.5, Con-
figuration Straps and Programmable Functions
FIGURE 3-1:
PIN ASSIGNMENTS (TOP VIEW)
100
99
98
97
96
95
94
93
92
90
89
88
87
86
85
91
41
40
39
37
36
35
34
33
32
31
30
29
28
27
26
38
VDD33
USB2DN_DM6/PRT_DIS_M6
USB2DN_DP6/PRT_DIS_P6
USB3DN_TXDM2B
USB3DN_TXDP2B
USB2DN_DP2/PRT_DIS_P2
USB3DN_RXDM2A
USB3DN_RXDP2A
USB3DN_TXDM2A
USB3DN_TXDP2A
USB2DN_DM2/PRT_DIS_M2
VDD12
VDD12
50
49
48
46
45
44
43
42
47
AB1/ATTACHMUX1B/GPIO65
VDD12
84
83
81
80
79
78
77
76
82
USB3DN_RXDM2B
USB3DN_RXDP2B
C_ATTACH0/GPIO64
SUSP_IND/GPIO68
VDD12
NC
NC
VDD12
NC
NC
NC
NC
USB3DN_RXDM4
USB3DN_RXDP4
VDD12
USB3DN_TXDM4
USB3DN_TXDP4
USB2DN_DM4/PRT_DIS_M4
USB2DN_DP4/PRT_DIS_P4
USB3UP_RXDM
USB3UP_RXDP
VDD12
USB3UP_TXDM
USB3UP_TXDP
USB2UP_DM
USB2UP_DP
VDD33
USB2DN_DM3/PRT_DIS_M3
USB2DN_DP3/PRT_DIS_P3
USB3DN_TXDM3
USB3DN_TXDP3
VDD12
USB3DN_RXDM3
USB3DN_RXDP3
VDD33
thermal slug connects to VSS
(Top View 100-VQFN)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65