Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS1743 Fiches technique(PDF) 14 Page - ams AG

No de pièce AS1743
Description  High-Speed, Low-Voltage, Single-Supply, 0.8-ohm, Dual SPST Analog Switches
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS1743 Fiches technique(HTML) 14 Page - ams AG

Back Button AS1743 Datasheet HTML 7Page - ams AG AS1743 Datasheet HTML 8Page - ams AG AS1743 Datasheet HTML 9Page - ams AG AS1743 Datasheet HTML 10Page - ams AG AS1743 Datasheet HTML 11Page - ams AG AS1743 Datasheet HTML 12Page - ams AG AS1743 Datasheet HTML 13Page - ams AG AS1743 Datasheet HTML 14Page - ams AG AS1743 Datasheet HTML 15Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
www.austriamicrosystems.com
Revision 1.76
14 - 15
AS1741, AS1742, AS1743
austriamicrosystems
Data Sheet
11 Ordering Information
The devices are available as the standard products shown in Table 7.
†
Available upon request
Table 7. Ordering Information
Model
Markings
Description
Delivery Form
Package
AS1741G
Dual SPST Switch
Tube
8-pin MSOP
AS1741G-T
Dual SPST Switch
Tape and Reel
8-pin MSOP
AS1741H-T
†
ASJL
Dual SPST Switch
Tape and Reel
8-pin SOT23
AS1742G
Dual SPST Switch
Tube
8-pin MSOP
AS1742G-T
Dual SPST Switch
Tape and Reel
8-pin MSOP
AS1742H-T
ASJK
Dual SPST Switch
Tape and Reel
8-pin SOT23
AS1743G
Dual SPST Switch
Tube
8-pin MSOP
AS1743G-T
Dual SPST Switch
Tape and Reel
8-pin MSOP
AS1743H-T
†
ASJM
Dual SPST Switch
Tape and Reel
8-pin SOT23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15