Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

APM9953 Fiches technique(PDF) 2 Page - Anpec Electronics Coropration

No de pièce APM9953
Description  P-Channel Enhancement Mode MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ANPEC [Anpec Electronics Coropration]
Site Internet  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APM9953 Fiches technique(HTML) 2 Page - Anpec Electronics Coropration

  APM9953 Datasheet HTML 1Page - Anpec Electronics Coropration APM9953 Datasheet HTML 2Page - Anpec Electronics Coropration APM9953 Datasheet HTML 3Page - Anpec Electronics Coropration APM9953 Datasheet HTML 4Page - Anpec Electronics Coropration APM9953 Datasheet HTML 5Page - Anpec Electronics Coropration APM9953 Datasheet HTML 6Page - Anpec Electronics Coropration APM9953 Datasheet HTML 7Page - Anpec Electronics Coropration APM9953 Datasheet HTML 8Page - Anpec Electronics Coropration APM9953 Datasheet HTML 9Page - Anpec Electronics Coropration  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. A.1 - July., 2003
www.anpec.com.tw
2
APM9953
Notes
a
: Pulse test ; pulse width ≤300µs, duty cycle ≤ 2%
b
: Guaranteed by design, not subject to production testing
Absolute Maximum Ratings Cont. (T
A = 25°C unless otherwise noted)
Symbol
Parameter
Rating
Unit
TA=25°C
2.5
PD
Maximum Power Dissipation
TA=100°C
1.0
W
TJ
Maximum Junction Temperature
150
°C
TSTG
Storage Temperature Range
-55 to 150
°C
RθJA*
Thermal Resistance – Junction to Ambient
62.5
°C/W
APM9953
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Static
BVDSS Drain-Source Breakdown
Voltage
VGS=0V , IDS=-250µA
-20
V
IDSS
Zero Gate Voltage Drain
Current
VDS=-16V , VGS=0V
-1
µA
VGS(th)
Gate Threshold Voltage
VDS=VGS , IDS=-250µA
-0.5
-0.7
-1
V
IGSS
Gate Leakage Current
VGS=±8V , VDS=0V
±100
nA
VGS=-10V , IDS=-3A
76
100
RDS(ON)=
Drain-Source On-state
Resistance
VGS=-4.5V , IDS=-2A
93
125
mΩ
VSD=
Diode Forward Voltage
ISD=-0.5A , VGS=0V
-0.7
-1.3
V
Dynamic>
Qg
Total Gate Charge
5.3
6.9
Qgs
Gate-Source Charge
1.04
Qgd
Gate-Drain Charge
VDS=-10V , IDS=-3A
VGS=-4.5V
0.62
nC
td(ON)
Turn-on Delay Time
13
21.5
Tr
Turn-on Rise Time
36
56
td(OFF)
Turn-off Delay Time
45
69.5
Tf
Turn-off Fall Time
VDD=-10V , IDS=-3A ,
VGEN=-4.5V , RG=6Ω
37
57.5
ns
Ciss
Input Capacitance
552
Coss
Output Capacitance
118
Crss
Reverse Transfer Capacitance
VGS=0V
VDS=-15V
Frequency=1.0MHz
76
pF
Electrical Characteristics (T
A = 25°C unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com