Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

REFD5817 Fiches technique(PDF) 4 Page - Maxim Integrated Products

No de pièce REFD5817
Description  Novato (MAXREFDES16#): 4-20mA Loop-Powered Temperature Sensor with HART
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MAXIM [Maxim Integrated Products]
Site Internet  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

REFD5817 Fiches technique(HTML) 4 Page - Maxim Integrated Products

  REFD5817 Datasheet HTML 1Page - Maxim Integrated Products REFD5817 Datasheet HTML 2Page - Maxim Integrated Products REFD5817 Datasheet HTML 3Page - Maxim Integrated Products REFD5817 Datasheet HTML 4Page - Maxim Integrated Products REFD5817 Datasheet HTML 5Page - Maxim Integrated Products REFD5817 Datasheet HTML 6Page - Maxim Integrated Products REFD5817 Datasheet HTML 7Page - Maxim Integrated Products REFD5817 Datasheet HTML 8Page - Maxim Integrated Products REFD5817 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Figure 3. Novato USB-to-UART programming adapter.
Figure 4. Novato smart sensor transmitter.
The programming adapter is connected to a PC through the USB port, and to the Novato board J4 header with a 2-wire UART interface,
Figure 4
.
Connect the Novato board to the 4–20mA current loop and supply the power according to the block diagram in Figure 1.
Plug in the USB-to-UART programming adapter to the PC and start the Novato calibration software, Figure 5. Wait until the PC
enumerates the USB device and the software reports that the USB adapter is connected.
Page 4 of 10



Html Pages

1 2 3 4 5 6 7 8 9 10