| Moteur de recherche de fiches techniques de composants électroniques |
|
REFD5822 Fiches technique(PDF) 1 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
REFD5822 Fiches technique(HTML) 1 Page - Maxim Integrated Products |
|
1 / 6 page ![]() Maxim > Design Support > Technical Documents > Subsystem Boards > APP 5822 Keywords: Alcatraz (MAXREFDES34), subsystem reference design, FPGA security, SHA-256 authentication, IP protection SUBSYSTEM BOARD 5822 Alcatraz (MAXREFDES34#): SHA-256 Secure Authentication Design By: Michael D'Onofrio Feb 12, 2014 Abstract: The Alcatraz (MAXREFDES34#) subsystem provides a reference design for securing Xilinx FPGAs to protect IP and prevent attached peripheral counterfeiting. The system implements a SHA-256 challenge-response between the FPGA and a DS28E15 secure authenticator. Boards for purchase, hardware, and firmware design files provide complete system information for rapid prototyping and development. Introduction Smart factories, industrial and medical applications employ the flexibility and high performance of modern FPGAs. As these systems become increasingly connected, security emerges as a paramount feature to protect IP, enable system features using software and prevent counterfeiting. The Alcatraz (MAXREFDES34#) subsystem reference design uses the DS28E15 to immediately implement SHA-256 authentication on Xilinx® FPGAs. The DS28E15 communicates over the single- contact 1-Wire® bus, reducing the number of pins necessary to carry out the solution. The reference code defines a combined SHA-256 processor and 1-Wire Master on the host FPGA. Page 1 of 6 |
Numéro de pièce similaire - REFD5822 |
|
Description similaire - REFD5822 |