| Moteur de recherche de fiches techniques de composants électroniques |
|
MLPMR2 Fiches technique(PDF) 1 Page - Kingston Technology Far East Co. Ltd |
|
|
|||||||||||||||||||||||||||||
MLPMR2 Fiches technique(HTML) 1 Page - Kingston Technology Far East Co. Ltd |
|
1 / 2 page ![]() kingston.com/flash Creativity and Inspiration in Professional Quality Kingston’s Canvas React Plus microSD card delivers reliable and durable performance for professional creatives shooting brilliant 4K/8K videos and high-resolution photos without having to worry about dropped frames and slow speeds. Designed with the latest UHS-II standards and top-of-the-line U3 and V90 speed classes, the Canvas React Plus microSD cards are compatible with industry-standard professional HD drones and action cameras. Shoot sequential burst-mode shots with recording speeds of up to 165MB/s¹ and capture videos in Ultra-HD cinematic quality. The Canvas React Plus microSD supports A1 Application Performance Class to expedite your workflow with faster application performance on smartphones and tablets. It comes included with Kingston’s MobileLite Plus microSD reader with transfer speeds of up to 285MB/s¹ for enhanced post-production workflow and efficiency, as well as a UHS-I SD Adapter2 for convenient device compatibility. more >> › Ultimate speeds to support HD drones and action cameras › Capture 4K/8K Ultra-HD high-speed shots without dropping frames › Supports A1 app performance › Optimized file transfer with included UHS-II microSD reader › Durable CANVAS REACT PLUS microSD |
Numéro de pièce similaire - MLPMR2 |
|
Description similaire - MLPMR2 |