Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UB-PROG2 Fiches technique(PDF) 2 Page - Pepperl+Fuchs Inc.

No de pièce UB-PROG2
Description  Programming unit
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PF [Pepperl+Fuchs Inc.]
Site Internet  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

UB-PROG2 Fiches technique(HTML) 2 Page - Pepperl+Fuchs Inc.

  UB-PROG2 Datasheet HTML 1Page - Pepperl+Fuchs Inc. UB-PROG2 Datasheet HTML 2Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
UB-PROG2
2
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com
Programming unit
Programming device
• For ultrasonic sensors UB... whose Teach-In input is on pin 2.
• Easy Teach-In of the switching points A1/A2 or the measuring window.
• Easy selection of the output function:
- Window mode, NO/NC function.
- One switching point, NO/NC function.
- Monitoring of the detection range.
The unit can be switched from the cable connection socket and the plug connection on the sensor for the Teach-In procedure.
The switch points/measuring window and output function can be taught in using the A1 and A2 buttons. For detailed information
on the procedure see the sensor data sheet.
The taught-in switch points and functions are retained when the programming unit is removed and/or the power is switched off.
Teach-In



Html Pages

1 2