Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ICS421002AI01 Fiches technique(PDF) 11 Page - Integrated Circuit Systems

No de pièce ICS421002AI01
Description  FEMTOCLOCKS??CRYSTAL-TO-HSTL FREQUENCY SYNTHESIZER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ICST [Integrated Circuit Systems]
Site Internet  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS421002AI01 Fiches technique(HTML) 11 Page - Integrated Circuit Systems

Back Button ICS421002AI01 Datasheet HTML 5Page - Integrated Circuit Systems ICS421002AI01 Datasheet HTML 6Page - Integrated Circuit Systems ICS421002AI01 Datasheet HTML 7Page - Integrated Circuit Systems ICS421002AI01 Datasheet HTML 8Page - Integrated Circuit Systems ICS421002AI01 Datasheet HTML 9Page - Integrated Circuit Systems ICS421002AI01 Datasheet HTML 10Page - Integrated Circuit Systems ICS421002AI01 Datasheet HTML 11Page - Integrated Circuit Systems ICS421002AI01 Datasheet HTML 12Page - Integrated Circuit Systems ICS421002AI01 Datasheet HTML 13Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
8421002AGI-01
www.icst.com/products/hiperclocks.html
REV. A FEBRUARY 6, 2006
11
Integrated
Circuit
Systems, Inc.
ICS8421002I-01
FEMTOCLOCKS™CRYSTAL-TO-
HSTL FREQUENCY SYNTHESIZER
RELIABILITY INFORMATION
TRANSISTOR COUNT
The transistor count for ICS8421002I-01 is: 2951
TABLE 7.
θ
JA
VS
. AIR FLOW TABLE FOR 20 LEAD TSSOP
θθθθθ
JA by Velocity (Linear Feet per Minute)
0
200
500
Single-Layer PCB, JEDEC Standard Test Boards
114.5°C/W
98.0°C/W
88.0°C/W
Multi-Layer PCB, JEDEC Standard Test Boards
73.2°C/W
66.6°C/W
63.5°C/W
NOTE: Most modern PCB designs use multi-layered boards. The data in the second row pertains to most designs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13